Part Number Hot Search : 
MAX6105 LM391 1KHA2SA0 EL2176CN EL2176CN ALFSN R5F2133 06033
Product Description
Full Text Search
 

To Download K10P-11A15-110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Catalog 1308242 Issued 3-03
P&B
K10 series
15 Amp General Purpose Miniature Relay
File E22575 File LR15734
Users should thoroughly review the technical data before selecting a product part number. It is recommended that users also seek out the pertinent approvals files of the agencies/laboratories and review them to ensure the product meets the requirements for a given application.
Features
* K10 - DPDT contact arrangement standard. * AC and DC coils. * Mounting options include socket, PCB, top flange. * UL Class B coil insulation system.
Coil Data
DC Coils Nominal Voltage 6 12 24 48 110 120* 240* Resistance in Ohms 10% 40 160 650 2,600 11,000 ___ ___ Nominal Current in Milliamps 150 75 37 18.5 10 ___ ___ AC Coils Resistance in Ohms 15% 10.5 43 160 668 ___ 3,900 12,000 Nominal Current in Milliamps 200 100 52 26 ___ 11 6
Contact Data @ 25C
Materials: Silver-cadmium oxide. Expected Life: 10 million operations, mechanical; 100,000 operations minimum at rated loads.
*For 220/240VDC operation, use 11,000 Ohm, 5 Watt dropping resistor in series with the 110VDC coil.
Contact Ratings
Contact Code 5 Material Silver-cadmium oxide UL/CSA Ratings 15A @ 30VDC 15A @ 120VAC 10A @ 277VAC 1/3HP @ 120VAC 1/2HP @ 250VAC Type Resistive Resistive Resistive
Operate Data @ 25C
Must Operate Voltage: DC Coils: 75% of nominal voltage. AC Coils: 85% of nominal voltage. Operate Time (Excluding Bounce): 13 milliseconds, typical, at nominal voltage. Release Time (Excluding Bounce): 6 milliseconds, typical, at nominal voltage.
Initial Dielectric Strength
Between Open Contacts: 1,000V rms. Between Adjacent Contacts: 1,500V rms. Between Contacts and Coil: 1,500V rms.
Environmental Data
Temperature Range: Storage: -60C to +105C. Operating: -45C to +70C.
Coil Data @ 25C
Nominal Power: DC Coils: .9 Watts. AC Coils: 1.2VA. Maximum Power: 2.0 Watts. Duty Cycle: Continuous. Insulation: Class B: (130C).
Mechanical Data
Mounting: Socket mount, printed circuit board, top flange. Termination: .187" (4.75mm) quick connect/solder terminals, or printed circuit terminals. Enclosure: Smoke-color polycarbonate dust cover. Weight: 1.8 oz. (51g) approximately.
Dimensions are shown for
720 reference purposes only.
Dimensions are in inches over (millimeters) unless otherwise specified.
Specifications and availability subject to change.
www.tycoelectronics.com Technical support: Refer to inside back cover.
Catalog 1308242 Issued 3-03
P&B
Ordering Information
Typical Part No.
B
K10
P
-11
D
1
5
-6
1. Basic Series: K10 = 15 amp miniature relay. 2. Cover: P = Polycarbonate (smoke color). 3. Contact Arrangement: 11 = 2 Form C (DPDT) 4. Coil Input: A = 50/60 Hz. AC D = DC 5. Mounting & Termination: 1 = Socket mount; .187" (4.75mm) quick connect/solder terminals. 5 = Printed circuit terminals; .160" length. T = Mounting bracket on end of cover; .187" (4.75mm) quick connect/solder terminals. 6. Contact Type: 5 = 15 amp silver-cadmium oxide 7. Coil Voltage: To 240VAC or 110VDC, see coil data table.
Our authorized distributors are more likely to stock the following items for immediate delivery.
K10P-11A15-6 K10P-11A15-12 K10P-11A15-24 K10P-11A15-120 K10P-11AT5-120 K10P-11D15-6 K10P-11D15-12 K10P-11D15-24 K10P-11D15-110 K10P-11D55-12 K10P-11D55-24 K10P-11D55-110 K10P-11DT5-12 K10P-11DT5-24
Outline Dimensions
Mounting Code 1
Socket Mount
Mounting Code 5
Printed Circuit Terminals
w/NEON INDICATOR 1.625 MAX. (41.28)
Mounting Code T
.854 MAX. (21.69) .078 TYP . (1.98)
1.400 MAX. (35.56)
1.480 .0 03 (37 .08) .59
.125 (3.18)
5 A
6 B
.25 (6.4) .187 .0 02 (4.75 .05) .078 (1.98) 1.109 MAX. (28.17) 1 3 A 5 .020 .0 02 (.51 .05)
.078 (1.98) .020 .0 02 (.51 .05)
.160 (4.06)
1.087 .010 (27 .25) .61
1.720 MAX. (43.69)
w/NEON INDICATOR 1.600 MAX. (40.64) 1.375 MAX. (34.93)
1 3
2 4
.142 TYP . (3.61)
1.682 MAX. (42.72)
.559 (14.20) .281 (7 .14) .239 REF . (6.07)
.394 .860 MAX. (10.01) (21.84)
PC Board Layout
.394 .185 (10.01) (4.70) .086 DIA. (2.18)
B
2 4
.517 (13.13)
6
.181 (4.60)
Wiring Diagram
1 3 5 2 4 6
.232 (5.89)
A .285 (7 .24) .559 (14.20)
B
Dimensions are shown for reference purposes only.
Dimensions are in inches over (millimeters) unless otherwise specified.
Specifications and availability subject to change.
www.tycoelectronics.com Technical support: Refer to inside back cover.
721
Catalog 1308242 Issued 3-03
P&B
Sockets and Accessories for K10 Relays
Sockets for K10 series relays are rated 10 amps, and are UL recongnized, File E59244, and CSA certified, File LR15734.
27E488 Pierced Solder Terminals
20C217 Hold Down Spring For 27E488 & 27E489
.440 (11.18)
Chassis Cutout For Mounting 27E488 Socket
.850 .0 05 (21.79 .13)
37D633 Mounting Strip
.629 .617 (15.98) (15.67) .25 (6.4) 1.323 (33.60) 1.388 (35.26) 1.388 (35.26) .090 R. (2.29)
.844 (21.44)
.075 (1.90)
1.158 (29.41)
.012 (0.30) .072 x .140 (1.83 x 3.56) .070 (1.78)
1.015 .0 05 (28.07 .13)
1.015 1.750 (25.78) (44.45)
.090 (2.29)
.770 (19.56)
Recommended chassis thickness .039" (.99mm) to .079" (2.01mm).
.429 (10.90)
Socket punch Greenlee part 5015115.0, Type 731R available from Greenlee Tool Co., Rockford, Illinois.
.859 (21.79) .13 (3.3)
.16 (4.1) .065 (1.65) .32 (8.1)
.180 (4.57)
37D633 will mount eight 27E488 sockets in one length of aluminum strip measuring 10.97" x 2.25" x .062". (278.64 x 57 x 1.57) .15
27E489 Printed Circuit Terminals
.844 (21.44) .440 (11.18)
P Board Layout For Socket .C.
. .507 .086 DIA. TYP (2.18) (12.88)
.075 (1.90)
.113 (2.87)
.012 (0.30)
1.158 (29.41)
.672 (17 .07) .620 (15.75)
.417 (10.59) .185 (4.70)
.184 (4.69)
Caution: Printed circuit sockets are manufactured with "floating" (loose) terminals. This permits them to align with holes in the circuit board and with the relay terminals. During the mounting and soldering of the socket, vertical float should be eliminated and the terminals seated on the board. (This may be accomplished by inserting a dummy relay in the socket.) Failure to eliminate float may cause fracture of the solder joint or separation of the copper conductor from the printed circuit board when a relay is inserted in the socket after soldering.
.078 (1.98)
Note: P terminal socket will also fit P board .C. .C. layout for relay. However, in order to accomplish this, terminals must be formed accordingly.
27E895 Screw Terminals, DIN Rail Snap-Mount
(Use with mounting track 24A110)
1.036 (26.31)
27E487 Screw Terminals Terminal Location
4 3 1.375 (34.93) 2 1 2.750 (69.85) B 8 A 7 .156 TYP . (3.96). 8 7 2 1 1.130 (28.70)
20C426 Hold Down Spring
For 27E487 & 27E895
Terminal Location
4 3
1.299 (32.99) 2.598 (65.99) .170 TYP . (4.32)
.315 TYP . (8.00) 1.178 (29.92) .995 (25.27)
6 .669 (16.99)
5 1.385 (35.18) .312 (7 .92)
.313 TYP . (7 .94)
6
5
1.045 (26.54)
Dimensions are shown for
722 reference purposes only.
Dimensions are in inches over (millimeters) unless otherwise specified.
Specifications and availability subject to change.
www.tycoelectronics.com Technical support: Refer to inside back cover.


▲Up To Search▲   

 
Price & Availability of K10P-11A15-110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X